Part Number Hot Search : 
2N6715 EMK11 BU252 BS616L BCR12 BB80WAC SF16G 152K8X
Product Description
Full Text Search
 

To Download ES6028 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ess technology, inc. sam0462-031704 1 ess technology, inc. ES6028 vibratto dvd processor product brief description the ES6028 vibratto ? dvd processor is a single-chip mpeg video decoder that integrates a state-of-the-art 480-pixel progressive scan video feature to provide brilliant and sharp, flicker-free output to the video display. the ES6028 performs audio/video stream data processing, and tv encoding, and includes four video dacs, macrovision ? copy protection, dvd system navigation, system control and housekeeping functions. the vibratto dvd processor is built on the ess proprietary dual cpu programmable multimedia processor (pmp) core consisting of 32-bit risc and 64-bit dsp processors and offers the best dvd feature set. the processing units enable simultaneous parallel execution of system commands and data processing to perform specialized encoding and decoding tasks in the device architecture. the risc processor, and its associated hardware, perform bit stream parsing, control audio data output, transfer video and audio data to the vector engine and service system control and housekeeping functions. the vector engine (dsp), and associated hardware, perform audio and video micro-code processing required by a/v standards, such as dolby? digital, dts ? surround, mpeg, and jpeg imaging. these processing tasks include audio processing, video motion compensation and estimation, loop filtering, discrete cosine transforms (dct) and inverse dct, quantization, and inverse quantization. the vibratto dvd processor supports both parallel and serial dvd loader interfaces, industry standard i 2 s audio data input and output, eprom and sdram access, and audio/video data buffering. the vibratto also supports both letterbox and pan-and-scan displays, sub-picture overlay, and on-screen display (osd). a new feature found with the vibratto dvd solution is the ess music slideshow?, which allows a user to do voiceovers while viewing jpeg images, kodak? picturecd, and fujicolor? cd images. in addition, the vibratto dvd solution offers support for sacd, karaoke cd+g, mp3, hdcd, cd-da, and windows ? media audio (wma) decoding and playback. the ES6028 vibratto dvd processor is available in 208- pin plastic quad flat pack (pqfp) device package. features ? single-chip dvd processor based on ess proprietary dual cpu pmp core.  integrated ntsc/pal encoder.  progressive scan video output for flicker-free video display.  four integrated 10-bit video dacs.  dvd-video, vcd 1.1, 2.0, and svcd.  5.1 channel audio outputs.  interface for atapi devices and a/v dvd loaders.  interface for cf, ms, and sm memory cards.  direct interface of 8-/16-bit sdram up to 128-mb capacity.  direct interface for up to 4 banks of 8-/16-bit eprom or flash eprom for up to 16-mb capacity.  macrovision 7.1 for ntsc/pal interlaced video.  macrovision agc 1.03-compliant for 480p progressive scan video.  composite video, s-video, yuv and rgb outputs.  8-bit ccir 601 yuv 4:2:2 output.  on-screen display (osd) controller with 3-bit blending provides display with 256 colors in 8 degrees of transparency.  subpicture unit (spu) decoder supports karaoke lyric, subtitles, and eia-608 compliant line 21 captioning.  dolby digital (ac-3), dolby pro logic ? , and dolby pro logic ii.  dts surround.  s/pdif digital audio output.  high-definition compatible digital ? (hdcd) decoding.  srs trusurround? .  windows media audio.  mp3.  cd-da.  karaoke.
2 sam0462-031704 ess technology, inc. ES6028 product brief ES6028 pinout diagram ES6028 pinout diagram the device pinout for the ES6028 is shown in figure 1. figure 1 ES6028 device pinout 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208 lcs1# loe# ld0 vss lcs3# lcs2# i2cdata/aux0 la21 la20 reset# vee nc hiocs16#/camclk/aux3[4] ha1/aux4[3] vss ha0/aux4[2] hwr#/dci_clk/aux4[5] hrd#/dci_ack#/aux4[6] hd4/dci4/aux1[4] hd5/dci5/aux1[5] hd6/dci6/aux1[6]/vfd_dout hd2/dci2/aux1[2] hd3/dci3/aux1[3] vee vcc db8 vcc db5 db9 dcs0# vcc vss tsd0/sel_pll0 tsd1/sel_pll1 tdmfs tdmclk tdmdr tdmtsc# tws/sel_pll2 vee la4 la5 la6 la7 la8 la9 vss vcc la10 la11 la12 la13 la14 la15 la16 vss vee la17 la18 la19 tdmdx/rsel vss tsd2 spdif/pll3 nc vss mclk tbck vee vee avss vss dqm rsd rws rbck nc xin xout avee dsck vss db15 db13 db11 db1 vss dmbs1 dras# doe#/dsck_en vee dma9 dma7 vss dma5 dma3 vee dcs1# db14 db12 db10 db0 vee dmbs0 dwe# dcas# vss dma8 dma6 vee dma4 dma2 vss db7 db6 vss db4 db3 db2 dma11 dma10 dma1 dma0 hcs3fx#/aux3[6] hcs1fx#/aux3[7] vss hiordy/aux3[3] vss hd13/aux2[5]/sp hd12/aux2[4]/c2po hd11/aux2[3]//irq hd10/aux2[2] hd9/aux2[1] hd8/dci_fds#/aux2[0]/vfd_clk vss hirq/dci_err#/aux4[7] hrst#/aux3[5] hrrq#/aux4[0] hwrq#/dci_req#/aux4[1] hd15/aux2[7]/ir hd14/aux2[6] vcc hd7/dci7/aux1[7]/vfd_din hd1/dci1/aux1[1] hd0/dci0/aux1[0] vcc vss hsync#/camin7/aux3[0] pclk2xscn/camin4 yuv7/camin3 yuv6/vdac pclkqscn/camin5/aux3[2] vsync#/camin6/aux3[1] yuv5/ydac advss advee yuv4/rset yuv3/comp yuv2/cdac yuv1/vref yuv0/camin2/udac dclk vee aux7 aux6 vee ld1 ld2 la3 ld12 vee ha2 /aux4[4] vee vee ld3 ld5 ld9 ld13 lwrhl# camin1 i2c_clk/aux1 aux3/ior# ld4 ld6 ld10 ld14 vss la0 aux2/iow# aux4 vee ld7 ld11 ld15 vee la1 vss aux5 vss ld8 vss lwrll# camin0 la2 vss vcc lcs0# vss ES6028
ess technology, inc. sam0462-031704 3 ES6028 product brief ES6028 pin description ES6028 pin description table 1 lists the pin descriptions for the ES6028. table 1 ES6028 pin description name pin numbers i/o definition vee 1,18, 27, 59, 68, 75, 92, 99, 104, 130, 148, 157, 159, 164, 183, 193, 201 p i/o power supply. la[21:0] 2-7, 10-16, 19-23, 204-207 o risc port address bus. vss 8, 17, 26, 34, 43, 60, 67, 76, 84, 91, 98, 103, 120, 129, 138, 147, 156, 163, 171, 177, 184, 192, 200, 208 g ground. vcc 9, 35, 44, 83, 121, 139, 172 p core power supply. reset# 24 i reset input, active-low. tdmdx 25 o tdm transmit data output. rsel i lcs3 rom boot data width select. strapped to vcc or ground via 4.7-k ? resistor; read only during reset. tdmdr 28 i tdm receive data input. tdmclk 29 i tdm clock input. tdmfs 30 i tdm frame sync input. tdmtsc# 31 o tdm output enable. tws 32 o audio transmit frame sync output. sel_pll2 i system and dsck output clock frequency selection is made at the rising edge of reset#. the matrix below lists the available clock frequencies and their respective pll bit settings. strapped to vcc or ground via 4.7-k ? resistor; read only during reset. rsel selection 016-bit rom 18-bit rom sel_pll2 sel_pll1 sel_pll0 clock type 0 0 0 dclk x 4.25 0 0 1 reserved 0 1 0 bypass mode 0 1 1 dclk x 3.75 1 0 0 dclk x 4.5 1 0 1 reserved 1 1 0 dclk x 3.5 1 1 1 dclk x 4
4 sam0462-031704 ess technology, inc. ES6028 product brief ES6028 pin description tsd0 33 o audio transmit serial data output 0. sel_pll0 i refer to the description and matrix for sel_pll2 pin 32. tsd1 36 o audio transmit serial data output 1. sel_pll1 i refer to the description and matrix for sel_pll2 pin 32. tsd2 37 o audio transmit serial data output 2. nc 38, 42, 48 ? no connect pins. leave open. mclk 39 i/o audio master clock for audio dac. tbck 40 i/o audio transmit bit clock. tbck is an input during reset and subsequently is programmed as an output via the audioxmt register (addr 0x2000d00ch, bit 4). spdif 41 o s/pdif output. sel_pll3 i clock source select. strapped to vcc or ground via 4.7-k ? resistor; read only during reset. rsd 45 i audio receive serial data. rws 46 i audio receive frame sync. rbck 47 i audio receive bit clock. xin 49 i 27-mhz crystal input. xout 50 o 27-mhz crystal output. avee 51 p analog power for pll. avss 52 g analog ground for pll. dma[11:0] 53-58, 61-66 o dram address bus. dcas# 69 o dram column address strobe. doe# 70 o dram output enable. dsck_en o dram clock enable. dwe# 71 o dram write enable. dras# 72 o dram row address strobe. dmbs0 73 o sdram bank select 0. dmbs1 74 o sdram bank select 1. db[15:0] 77-82, 85-90, 93-96 i/o dram data bus. dcs[1:0]# 97,100 o sdram chip select. dqm 101 o data input/output mask. dsck 102 o output clock to sdram. table 1 ES6028 pin description (continued) name pin numbers i/o definition sel_pll3 clock source 0 crystal oscillator 1 dclk input
ess technology, inc. sam0462-031704 5 ES6028 product brief ES6028 pin description dclk 105 i clock input to pll. yuv0 106 o yuv pixel 0 output data. camin2 i camera input 2. udac o video dac output. y: luma component for yuv and y/c processing. c: chrominance signal for y/c processing. u: chrominance component signal for yuv mode. v: chrominance component signal for yuv mode. yuv1 107 o yuv pixel 1output data. vref i internal voltage reference to video dac. bypass to ground with 0.1- f capacitor. yuv2 108 o yuv pixel 2 output data. cdac o video dac output. refer to description and matrix for udac pin 106. yuv3 109 o yuv pixel 3 output data. comp i compensation input. bypass to advee with 0.1- f capacitor. yuv4 110 o yuv pixel 4 output data. rset i dac current adjustment resistor input. advee 111 p analog power for video dac. advss 112 g analog ground for video dac. table 1 ES6028 pin description (continued) name pin numbers i/o definition pin 114 113 108 106 value dac v dac y dac c dac u 0 cvbs1 y c n/a 1 cvbs1 y c cvbs2 2n/a y cn/a 3 cvbs1 n/a n/a cvbs2 4 cvbs1 n/a n/a n/a 5 cvbs1 y pb pr 6n/a y pbpr 7 sync g b r 8 chroma y pb pr 9 cvbs1 g b r 10 cvbs1 g r b 11 sync g r b 12 n/a y pr pb 13 cvbs1 y pr pb
6 sam0462-031704 ess technology, inc. ES6028 product brief ES6028 pin description yuv5 113 o yuv pixel 5 output data. ydac o video dac output. refer to description and matrix for udac pin 106. yuv6 114 o yuv pixel 6 output data. vdac o video dac output. refer to description and matrix for udac pin 106. yuv7 115 o yuv pixel 7 output data. camin3 i camera yuv 3. pclk2xscn 116 i/o 27-mhz video output pixel clock. camin4 i camera yuv 4. pclkqscn 117 o 13.5-mhz video output pixel clock. camin5 i camera yuv 5. aux3[2] i/o aux3 data i/o. vsync# 118 i/o vertical sync, active-low. camin6 i camera yuv 6. aux3[1] i/o aux3 data i/o. hsync# 119 i/o horizontal sync, active-low. camin7 i camera yuv 7. aux3[0] i/o aux3 data i/o. hd[5:0] 122-127 i/o host data bus lines 5:0. dci[5:0] i/o dvd channel data i/o. aux1[5:0] i/o aux1 data i/o. hd6 128 i/o host data bus line 6. dci6 i/o dvd channel data i/o. aux1[6] i/o aux1 data i/o. vfd_dout i vfd data output. hd7 131 i/o host data bus line 7. dci7 i/o dvd channel data i/o. aux1[7] i/o aux1 data i/o. vfd_din i vfd data input. hd8 132 i/o host data bus line 8. dci_fds# i/o dvd input sector start. aux2[0] i/o aux2 data i/o. vfd_clk i vfd clock input. hd9 133 i/o host data bus line 9. aux2[1] i/o aux2 data i/o. table 1 ES6028 pin description (continued) name pin numbers i/o definition
ess technology, inc. sam0462-031704 7 ES6028 product brief ES6028 pin description hd10 134 i/o host data bus line 10. aux2[2] i/o aux2 data i/o. hd11 135 i/o host data bus line 11. aux2[3] i/o aux2 data i/o. irq o irq. hd12 136 i/o host data bus line 12. aux2[4] i/o aux2 data i/o. c2po i c2po error correction flag from cd-rom. hd13 137 i/o host data bus line 13. aux2[5] i/o aux2 data i/o. sp i 16550 uart serial port input. hd14 140 i/o host data bus line 14. aux2[6] i/o aux2 data i/o. hd15 141 i/o host data bus line 15. aux2[7] i/o aux2 data i/o. ir i ir remote control input. hwrq# 142 o host write request. dci_req# o dvd control interface request. aux4[1] i/o aux4 data i/o. hrrq# 143 o host read request. aux4[0] i/o aux4 data i/o. hirq 144 i/o host interrupt. dci_err# i/o dvd channel data error. aux4[7] i/o aux4 data i/o. hrst# 145 ohost reset. aux3[5] i/o aux3 data i/o. hiordy 146 i host i/o ready. aux3[3] i/o aux3 data i/o. hwr# 149 i/o host write. dci_clk i/o dvd channel data clock. aux4[5] i/o aux4 data i/o. hrd# 150 ohost read. dci_ack# o dvd channel data valid. aux4[6] i/o aux4 data i/o. table 1 ES6028 pin description (continued) name pin numbers i/o definition
8 sam0462-031704 ess technology, inc. ES6028 product brief ES6028 pin description hiocs16# 151 i device 16-bit data transfer. camclk i camera port pixel clock input. aux3[4] i/o aux3 data i/o. hcs1fx# 152 ohost select 1. aux3[7] i/o aux3 data i/o. hcs3fx# 153 ohost select 3. aux3[6] i/o aux3 data i/o. ha[2:0] 154, 155, 158 i/o host address bus. aux4[4:2] i/o aux4 data i/os. aux0 160 i/o auxiliary port 0 (open collector). i2cdata i/o i 2 c data i/o. aux1 161 i/o auxiliary port 1 (open collector). i2c_clk i/o i 2 c clock i/o. aux2 162 i/o auxiliary port. iow# o i/o write strobe (lcs1). aux3 165 i/o auxiliary port. ior# o i/o read strobe (lcs1). aux7-4 166-169 i/o auxiliary ports. loe# 170 o risc port output enable. lcs[3:0]# 173-176 o risc port chip select. ld[15:0] 178-182, 185-191, 194-197 i/o risc port data bus. lwrll# 198 o risc port low-byte write enable. lwrhl# 199 o risc port high-byte write enable. camin0 202 i camera yuv 0. camin1 203 i camera yuv 1. table 1 ES6028 pin description (continued) name pin numbers i/o definition
ess technology, inc. sam0462-031704 9 ES6028 product brief system block diagram system block diagram a sample system block diagram for the ES6028 vibratto dvd player board design is shown in figure 2. figure 2 ES6028 vibratto system block diagram ES6028 sdram 4/16 mb dvd drive rom/flash vfd driver audio dac t v display speakers vfd panel video audio eeprom a/v receiver vibratto ir remote audio adc microphone in audio s/pdif
10 http://www.esstech.com ? 2004 ess technology, inc. sam0462-031704 ES6028 product brief ordering information no part of this publication may be reproduced, stored in a retrieval system, transmitted, or translated in any form or by any means, electronic, mechanical, manual, optical, or otherwise, without the prior written permission of ess technology, inc. ess technology, inc. makes no representations or warranties regarding the content of this document. all specifications are subject to change without prior notice. ess technology, inc. assumes no responsibility for any errors contained herein. u.s. patents pending. mpeg is the moving picture experts group of the iso/iec. references to mpeg in this document refer to the iso/iec jtc1 sc29 committee draft iso 11172 dated january 9, 1992. video drive and vibratto are trademarks of ess technology, inc. dolby is a trademark of dolby laboratories, inc. trusurround, trusurround xt, srs, and (o) symbol are trademarks of srs labs, inc. all other trademarks are trademarks of their respective companies and are used for identification purposes only. ess technology, inc. 48401 fremont blvd. fremont, ca 94538 tel: (510) 492-1088 fax: (510) 492-1898 ordering information other vibratto dvd processors part number description package ES6028f vibratto 5.1-channel dvd, dts, progressive scan and tv encoder 208-pin pqfp the letter f at the end of the part number identifies the package type pqfp. part number description package es6008f vibratto 2-channel dvd and tv encoder 208-pin pqfp es6018f vibratto 5.1-channel dvd, dts and tv encoder 208-pin pqfp es6038f vibratto 5.1-channel dvd, dts, progressive scan, dvd-audio and tv encoder 208-pin pqfp the letter f at the end of the part number identifies the package type pqfp.


▲Up To Search▲   

 
Price & Availability of ES6028

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X